Part Number Hot Search : 
ZJ24B GM5401 CY7C102 65012 NTRPB 12000 NTRPB DL4742
Product Description
Full Text Search
 

To Download MA46 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA46 Series
Surface Mount GaAs Tuning Varactors
Rev. V6
Features
* Constant Gamma Abrupt Junction: 0.5 Hyperabrupt Junctions: 0.75, 1.25 and 1.5 * Low Cost * Surface Mount Packages * Very High Quality Factor * Capacitance Ratio to 10:1 * Case Style 1056 is Hermetic and may be Screened to JANTX levels * Tape and Reel Packaging Available
Absolute Maximum Ratings1 @ TA=+25 C
Parameter
Operating Temperature Storage Temperature Reverse Voltage Forward Current Power Dissipation
Absolute Maximum Case 1056
-65C to +150C -65C to +200C
Case 1088
-65C to +125C -65C to +125C
Breakdown Voltage 50mA @ 25C 50mW @ 25C , derate linearly to 0mW at maximum operating temperature
Description Applications
M/A-COM offers four families of low cost surface mount gallium arsenide tuning varactors. All families have silicon nitride protected junctions for low leakage current and high reliability. The MA46H500 through MA46H504 family has hyperabrupt junctions with constant gamma of 1.5 from 2 to 12 volts and high quality factor. The MA46H200 through MA46H204 family has hyperabrupt junctions with constant gamma of 1.25 from 2 to 20 volts and higher quality factor. The MA46H070 through MA46H073 family has hyperabrupt junctions with constant gamma of 0.75 from 0 to20 volts and very high quality factor. The MA46504 through MA46506 family has abrupt junctions with constant gamma of 0.5 from 0 to 30 volts and the highest quality factor.
1. Operation of this device above any one of these parameters may cause permanent damage.
Common Case styles
Applications
The MA46H500 through MA46H504 (gamma 1.5) family of constant gamma hyperabrupt GaAs tuning varactors is designed for wide bandwidth VCOs and voltage tuned filters where limited bias voltage is available. These varactors have lower quality factor than the other families of GaAs varactors. The MA46H200 through M46H204 (gamma 1.25) family of constant gamma hyperabrupt GaAs tuning varactors has the largest capacitance ratio of the families of GaAs varactors and high quality factor. These diodes are very well suited for wide bandwidth VCOs and VTFs where the optimum combination of very wide tuning range and high quality factor is required. The MA46H070 through MA46H073 (gamma 0.75) family of constant gamma hyperabrupt GaAs tuning varactors has quality factor approaching that of abrupt junction varactors, but higher capacitance change versus tuning voltage.These diodes are very well suited for narrowerbandwidth VCOs and VTFs where wide tuning range and very high quality factor are required. The MA46504 through MA46506 (gamma 0.5) family ofconstant gamma abrupt GaAs tuning varactors has the highest quality factor. These diodes are very well suited for narrower bandwidth VCOs and VTFs where highest quality factor is of paramount concern.
*Specifications are subject to change without prior notice
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA46 Series
Surface Mount GaAs Tuning Varactors
Rev. V6
Electrical Specifications @ TA = +25 C
Gamma 0.5 Abrupt Tuning Varactors Breakdown Voltage @ 10 A = 30 V minimum Reverse Current @ 24 V = 100 nA maximum Gamma2 = 0.48 - 0.50, VR = 0 to 30 V
Total Capacitance2,3,5 +/-10% Vr=4 V (pF)
MA46504 MA46505 0.5 - 0.7 0.9 - 1.1
Electrical Specifications @ TA = +25 C
Gamma 0.75 Hyperabrupt Tuning Varactors Breakdown Voltage @ 10 A = 20 V minimum Reverse Current @ 16 V = 100 nA maximum Gamma2 = 0.68 - 0.83, VR = 0 to 20 V
Total Capacitance2,3,5 +/-10% Vr=4 V (pF)
MA46H070 MA46H071 MA46H072 0.5 - 0.7 0.9 - 1.1 2.7 - 3.3 4.5 - 5.5
Total Q Capacitance Minimum 5 Ratio Part Number Vr=0 V Vr=30 V 2.1 2.8
Total Q Capacitance Minimum 5 Ratio Vr=0 V Vr=20V 5.5 6.4 7.5 7.5
Part Number
Vr=4 V f=50 MHz 6000 5700
Vr=4 V f=50 MHz 4500 4500 3000 2200
Electrical Specifications @ TA = +25 C
Gamma 1.25 Hyperabrupt Tuning Varactors Breakdown Voltage @ 10 A = 22 V minimum Reverse Current @ 16 V = 100 nA maximum Gamma2 = 1.13 - 1.38, VR = 2 to 20 V
Total Capacitance2,3,5 +/-10% Vr=4 V (pF)
MA46H200 MA46H201 MA46H202 6 MA46H203 MA46H204 0.5-0.7 0.9-1.1 2.7-3.3 4.5-5.5 9-11
MA46H073
Electrical Specifications @ TA = +25 C
Gamma 1.5 Hyperabrupt Tuning Varactors Breakdown Voltage @ 10A = 18 V minimum Reverse Current @ 14 V = 100 nA maximum Gamma2 = 1.4 - 1.6, VR = 2 to 12 V
Total Capacitance2,3,5 +/-10% Vr=4 V (pF)
MA46H500 MA46H501 MA46H503 MA46H504 0.5-0.7 0.9-1.1 4.5-5.5 9-11
Total Q Capacitance Minimum Ratio5 Vr=2 V Vr=20 V 3 4.1 5.6 10 10
Part Number
Vr=4 V f=50 MHz 3000 3000 2000 1500 1500
Total Q Capacitance Minimum 5 Ratio Vr=2 V Vr=12 V 2.8 3.9 8.1 8.1
Part Number
Vr=4 V f=50 MHz 2500 2500 1200 1200
1. Case parasitics (Cp and Ls) are given for most case styles along with case outlines in the appendix. The Cp values listed typically have tolerances of 0.02 pF. 2. The values guaranteed for gamma are measured on unpackaged chips. The total capacitance versus bias voltage curve will deviate slightly from the chip capacitance versus bias voltage curve due to the package parasitic capacitance (Cp). 3. Capacitance is measured at 1 MHz. 4. Reverse voltage (VB) is measured at 10 microamps. 5. The total capacitance and capacitance ratios shown are for diodes housed in case style 30. Other case styles will result in different values. 6. When ordering MA46H202-134 as whole wafer P/N is MAVR-0046202-0134WR
*Specifications are subject to change without prior notice
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA46 Series
Surface Mount GaAs Tuning Varactors
Rev. V6
Typical Performance Curves
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA46 Series
Surface Mount GaAs Tuning Varactors
Rev. V6
Case Styles ODS-1056
DIM.
A B C D E F
INCHES MIN.
0.065 0.034 0.030 0.013 0.010 0.043
MILLIMETERS MIN.
1.72 0.86 0.76 0.33 0.25 1.09
MAX.
0.075 0.041 0.036 0.017 0.014 0.053
MAX.
1.90 1.04 0.91 0.44 0.36 1.35
Package Capacitance: 0.15 pF Typical Package Inductance: 0.45 nH Typical
ODS-1088
DIM.
A B C D E F G H J K
INCHES MIN.
0.175 0.040 0.085 0.015 0.010 0.015 0.004 0.020 0.013 0.003
MILLIMETERS MIN.
4.44 1.02 2.16 0.38 0.25 0.38 0.10 0.51 0.33 0.08
MAX.
0.195 0.050 0.095 0.025 0.015 0.020 0.006 0.030 0.033 0.005
MAX.
4.95 1.27 2.41 0.64 0.38 0.51 0.15 0.76 0.84 0.13
Ordering Information
These GaAs tuning varactors are available in either case style as shown. When ordering, specify the desired case style by adding the case designation as a suffix to the model number. For example, a MA46H200-1088 specifies a 1.25 gamma hyperabrupt tuning diode in case style 1088.
*Specifications are subject to change without prior notice
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MA46

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X